PART |
Description |
Maker |
X88C75 X88C75J X88C75JI X88C75JM X88C75L X88C75LI |
Port Expander and E2 Memory
|
XICOR[Xicor Inc.]
|
X88C75-SLIC |
Port Expander and E2 Memory
|
Xicor
|
LAPKIT-X88C75-SLIC |
Port Expander and E2 Memory
|
Xicor
|
MAX6956AAI MAX6956AAX MAX6956ANI MAX6956ATL |
2-Wire-Interfaced, 2.5V to 5.5V, 20-Port or 28-Port LED Display Driver and I/O Expander
|
Maxim Integrated Products
|
MAX7301 MAX7301AAI MAX7301AAX MAX7301AGL MAX7301AN |
4-Wire-Interfaced, 2.5V to 5.5V, 20-Port and 28-Port I/O Expander
|
MAXIM[Maxim Integrated Products]
|
ADP5586ACBZ-00-R7 ADP5586ACBZ-01-R7 ADP5586ACBZ-03 |
Keypad Decoder and I/O Port Expander
|
Analog Devices
|
TW2828 |
HD/SD DVR Video Port Expander
|
Intersil Corporation
|
CY7C09289 CY7C09289-9AI CY7C09289-9AC CY7C09389-9A |
32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 18 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 64K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 DIODE SCHOTTKY SINGLE 75V 200mW 0.45V-vf 150mA-IFM 10mA-IF 5uA-IR SOD-123 3K/REEL 32K X 18 DUAL-PORT SRAM, 18 ns, PQFP100 0.1UF 50V 10% 0805 X7R CERAMIC CAPACITOR 32K X 18 DUAL-PORT SRAM, 20 ns, PQFP100 32K/64K X 16/18 Synchronous Dual Port Static RAM 32K X 16 DUAL-PORT SRAM, 18 ns, PQFP100 (CY7C09279 - CY7C09289) 32K/64K X 16/18 Synchronous Dual Port Static RAM True dual-ported memory cells which allow simultaneous access of the same memory location
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
STMPE801 STMPE801MTR STMPE801QTR |
8-bit port expander Xpander logic
|
STMicroelectronics
|
MAX7323 MAX7321 MAX7323AEE MAX7328 MAX7320 MAX7323 |
I2C Port Expander with 4 Push-Pull Outputs
|
http:// Maxim Integrated Products
|
MAX7322 MAX7320ATE MAX7321 MAX7323 |
I2C Port Expander with Eight Push-Pull Outputs
|
Maxim Integrated Products
|